|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
NZT660/NZT660A PNP Low Saturation Transistor April 2005 NZT660/NZT660A PNP Low Saturation Transistor * These devices are designed with high current gain and low saturation voltage with collector currents up to 3A continuous. 4 3 2 1 SOT-223 1. Base 2. Collector 3. Emitter Absolute Maximum Ratings* T =25C unless otherwise noted a Symbol VCEO VCBO VEBO IC TJ, TSTG NOTES: Parameter Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current - Continuous Operating and Storage Junction Temperature Range NZT660 60 80 5 3 - 55 ~ +150 NZT660A 60 60 5 3 - 55 ~ +150 Units V V V A C * These ratings are limiting values above which the serviceability of any semiconductor device may be impaired. 1) These ratings are based on a maximum junction temperature of 150C. 2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations. Electrical Characteristics Symbol Off Characteristics BVCEO BVCBO BVEBO ICBO IEBO Ta = 25C unless otherwise noted Parameter Collector-Emitter Breakdown Voltage Collector-Base Breakdown Voltage Emitter-Base Breakdown Voltage Collector-Base Cutoff Current Emitter-Base Cutoff Current Test Conditions IC = 10mA IC = 100A IE = 100A VCB = 30V VCB = 30V, TA = 100C VEB = 4V NZT660 NZT660A Min. 60 80 60 5 Typ. Max. Units V V V V 100 10 100 nA A nA On Characteristics * hFE DC Current Gain IC = 100mA, VCE = 2V IC = 500mA, VCE = 2V IC = 1A, VCE = 2V IC = 3A, VCE = 2V NZT660 NZT660A 70 100 250 80 25 300 550 (c)2005 Fairchild Semiconductor Corporation 1 www.fairchildsemi.com NZT660/NZT660A Rev. C3 NZT660/NZT660A PNP Low Saturation Transistor Electrical Characteristics Symbol VCE(sat) Ta = 25C unless otherwise noted (Continued) Parameter Collector-Emitter Saturation Voltage Test Conditions IC = 1A, IB = 100mA IC = 3A, IB = 300mA IC = 1A, IB = 100mA IC = 1A, VCE = 2V NZT660 NZT660A Min. Typ. Max. 300 550 500 1.25 1 Units mV mV mV V V VBE(sat) VBE(on) Base-Emitter Saturation Voltage Base-Emitter On Voltage Small Signal Characteristics Cobo fT Output Capacitance Transition Frequency VCB = 10V, IE = 0, f = 1MHz IC = 100mA, VCE = 5V, f = 100MHz 75 45 pF MHz * Pulse Test: Pulse Width 300s, Duty Cycle 2.0% Thermal Characteristics Ta=25C unless otherwise noted Symbol PD RJA Parameter Total Device Dissipation Thermal Resistance, Junction to Ambient NZT660/NZT660A 2 62.5 Units W C/W NZT660/NZT660A Rev. C3 2 www.fairchildsemi.com NZT660/NZT660A PNP Low Saturation Transistor Typical Performance Characteristics Figure 1. Base-Emitter Saturation Voltage vs Collector Current VBEON- BASE-EMITTER ON VOLTAGE (V) = 10 Figure 2. Base-Emitter On Voltage vs Collector Current V -BASE-EMITTER SATURATION VOLTAGE(V) BESAT 1.4 1.2 1 = 10 = 10 = 10 = 10 1.6 1.4 1.2 1 Vce = 2.0V - 40C 0.8 0.6 0.4 0.2 0.001 25C 125C - 40C 0.8 0.6 0.4 125C 25C 0.01 0.1 1 I C - COLLECTOR CURRENT (A) 10 0.2 0.0001 0.001 0.01 0.1 1 I C - COLLECTOR CURRENT (A) 10 Figure 3. Collector-Emitter Saturation Voltage vs Collector Current = 10 Figure 4. Input/Output Capacitance vs Reverse Bias Voltage 400 350 CAPACITANCE (pf) Cobo VCESAT- COLLECTOR-EMITTER VOLTAGE (V) 0.8 0.7 0.6 0.5 = 10 = 10 = 10 = 10 125C 25C f Vce = 2.0V = 1.0MHz 300 250 200 150 100 50 0 0.1 0.5 1 10 20 V CE - COLLECTOR VOLTAGE (V) 50 100 C ibo 0.4 0.3 - 40C 0.2 0.1 0 0.01 0.1 1 I C - COLLECTOR CURRENT (A) 10 Figure 5. Current Gain vs Collector Current 1000 900 H FE - CURRENT GAIN 800 700 600 500 400 300 200 100 0 0.0001 0.001 0.01 0.1 1 I C - COLLECTOR CURRENT (A) 10 - 40C 25C 125C Vce = 2.0V NZT660/NZT660A Rev. C3 3 www.fairchildsemi.com NZT660/NZT660A PNP Low Saturation Transistor Mechanical Dimensions SOT-223 0.08MAX 3.00 0.10 MAX1.80 1.75 0.20 3.50 0.20 (0.60) 0.65 0.20 +0.04 0.06 -0.02 2.30 TYP (0.95) 4.60 0.25 0.70 0.10 (0.95) +0.10 0.25 -0.05 (0.60) 0~ 10 1.60 0.20 (0.46) (0.89) 6.50 0.20 7.00 0.30 Dimensions in Millimeters NZT660/NZT660A Rev. C3 4 www.fairchildsemi.com NZT660/NZT660A PNP Low Saturation Transistor TRADEMARKS The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. ACExTM ActiveArrayTM BottomlessTM CoolFETTM CROSSVOLTTM DOMETM EcoSPARKTM E2CMOSTM EnSignaTM FACTTM FACT Quiet SeriesTM FAST(R) FASTrTM FPSTM FRFETTM GlobalOptoisolatorTM GTOTM HiSeCTM I2CTM i-LoTM ImpliedDisconnectTM Across the board. Around the world.TM The Power Franchise(R) Programmable Active DroopTM IntelliMAXTM ISOPLANARTM LittleFETTM MICROCOUPLERTM MicroFETTM MicroPakTM MICROWIRETM MSXTM MSXProTM OCXTM OCXProTM OPTOLOGIC(R) OPTOPLANARTM PACMANTM POPTM Power247TM PowerEdgeTM PowerSaverTM PowerTrench(R) QFET(R) QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM SerDesTM SILENT SWITCHER(R) SMART STARTTM SPMTM StealthTM SuperFETTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogic(R) TINYOPTOTM TruTranslationTM UHCTM UltraFET(R) UniFETTM VCXTM DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only. Preliminary No Identification Needed Full Production Obsolete Not In Production Rev. I15 5 NZT660/NZT660A Rev. C3 www.fairchildsemi.com |
Price & Availability of NZT66005 |